PART |
Description |
Maker |
FQAF20N40 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 400V五(巴西)直|4A条(丁)|47VAR 400V N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|
JANTXV2N6760 JANTX2N6760 IRF330 |
400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
|
IRF[International Rectifier]
|
IRFU320 IRFR320 IRFR320PBF IRFR320TR IRFR320TRL IR |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Power MOSFET(Vdss=400V Rds(on)=1.8ohm Id=3.1A) Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A) 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
STB11NB40T4 STB11NB40 STB11NB40-1 |
N-CHANNEL 400V - 0.48 Ohm - 10.7A D2PAK/I2PAK PowerMESH" MOSFET N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP11NB40 STP11NB40FP 5322 |
N-Channel 400V-0.48惟-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N娌??MOSFET) N - CHANNEL 400V - 0.48ohm - 10.7A - TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N-Channel 400V-0.48Ω-10.7A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道400V -0.48Ω- 10.7A - TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
IRFU320B IRFR320B IRFU320BTU IRFR320BTF IRFR320BTM |
400V N-Channel B-FET / Substitute of IRFR320 & IRFR320A 400V N-Channel B-FET / Substitute of IRFU320 & IRFU320A 400V N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] International Rectifier Intersil Corporation http://
|
IRFW730 IRFW730B IRFI730B IRFW730BTM IRFW730BTMNL |
400V N-Channel B-FET / Substitute of IRFW730A 400V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI6N40C FQB6N40C FQB6N40CTM FQI6N40CTU |
400V N-Channel MOSFET 400V N-Channel Advance Q-FET C-Series
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU2P40 FQD2P40 FQD2P40TF |
400V P-Channel QFET 400V P-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FDP24N40 FDPF24N40 |
N-Channel MOSFET 400V, 24A, 0.175Ω N-Channel MOSFET 400V, 24A, 0.175ヘ
|
Fairchild Semiconductor
|
IRFR310 IRFU310 IRFR310TRL IRFR310TRR IRFU310PBF |
400V Single N-Channel HEXFET Power MOSFET in a I-Pak package 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A) Power MOSFET(Vdss=400V Rds(on)=3.6ohm Id=1.7A)
|
IRF[International Rectifier]
|